PART |
Description |
Maker |
5962-9206202MYX CY7C341-25JCR CY7C341-25JCT CY7C34 |
UV PLD, 59 ns, CPGA84 CERAMIC, PGA-84 OT PLD, 52 ns, PQCC84 PLASTIC, LCC-84
|
Cypress Semiconductor, Corp.
|
PALCE20RA10H-20JC/4 PALCE20RA10H-20JI/4 PALLV16V8- |
EE PLD, 20 ns, PQCC28 EE PLD, 10 ns, PDIP20 EE PLD, 10 ns, PQCC20 EE PLD, 10 ns, PDIP24 EE PLD, 10 ns, PQCC28 EE PLD, 10 ns, PDSO20 EE PLD, 12 ns, PDIP20 EE PLD, 7.5 ns, PQCC20 EE PLD, 25 ns, PDSO20 EE PLD, 15 ns, PDSO20 EE PLD, 7.5 ns, PDSO20 EE PLD, 25 ns, PQCC20 EE PLD, 25 ns, PDIP24 EE PLD, 10 ns, PDSO24 EE PLD, 7.5 ns, PQFP100 EE PLD, 10 ns, PQFP144 EE PLD, 10 ns, PQFP160 EE PLD, 10 ns, PQFP100 EE PLD, 20 ns, PDIP20
|
Vantis, Corp. VANTIS CORP
|
XC95108-15PCG84C XC95108-15TQG100C |
XC95108-15PCG84C FLASH PLD, 15 ns, PQCC84 108 MACROCELL 5 VOLT ISP CPLD FLASH PLD, 15 ns, PQFP100
|
Xilinx, Inc.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI1016E06 ISPLSI1016E125LTN44I ISPLSI1016E80LT |
EE PLD, 18.5 ns, PQFP44 EE PLD, 18.5 ns, PQCC44 EE PLD, 13 ns, PQCC44 EE PLD, 10 ns, PQFP44 In-System Programmable High Density PLD
|
LATTICE SEMICONDUCTOR CORP
|
GAL20XV10B-20LP GAL20XV10B-20LJ GAL20XV10B-10LJ GA |
High-Speed E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PDIP24 Fuses, 3A 125V F MICRO BULK EE PLD, 20 ns, PQCC28
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ADVANCEDMICRODEVICESINC-MACH131-12JC/1 |
EE PLD, 12 ns, PQCC84
|
ADVANCED MICRO DEVICES INC
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ATF1504ASV-15JI84 ATF1504ASVL-20JI84 ATF1504ASVL-2 |
Low-voltage, Complex Programmable Logic Device EE PLD, 20 ns, PQCC84
|
ATMEL Corporation
|
PALC16R6Z-25CQSTD PALC16L8Z-25CQSTD PALC16R8Z-25CQ |
UV PLD, 25 ns, CDIP20 WINDOWED, CERDIP-20 OT PLD, 25 ns, CDIP20 CERAMIC, DIP-20 OT PLD, 25 ns, PQCC20 0.351 X 0.351 INCH, PLASTIC, LCC-20 OT PLD, 25 ns, PDIP20 0.250 X 1 INCH, PLASTIC, DIP-20
|
Advanced Micro Devices, Inc.
|
|